Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3066MNTXG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3066MNTXG
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3066MNTXG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3066MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 9Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 10Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 11Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 12Page - ON Semiconductor NCP3066MNTXG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP3066, NCV3066
http://onsemi.com
9
APPLICATIONS
Figures 15 through 24 show the simplicity and flexibility
of the NCP3066. Two main converter topologies are
demonstrated with actual test data shown below each of the
circuit diagrams. The demo boards have an input for a digital
dimming signal. You can provide a PWM signal to change
the average output current and reduce the LED brightness.
Figure 14 gives the relevant design equations for the key
parameters. Additionally, a complete application design aid
for the NCP3066 can be found at www.onsemi.com.
Parameter
Step−Down
Step−Up
ton
toff
Vout ) VF
Vin * VSWCE * Vout
Vout ) VF * Vin
Vin * VSWCE
ton
ton
toff
f
ton
toff ) 1
ton
toff
f
ton
toff ) 1
CT
CT + 381.6 @ 10
*6
fosc
* 343
10*12
IL(avg)
Iout
Iout
ton
toff
) 1
Ipk (Switch)
IL(avg) )
DIL
2
IL(avg) )
DIL
2
RSC
0.20
Ipk (Switch)
0.20
Ipk (Switch)
L
Vin * VSWCE * Vout
DIL
ton
Vin * VSWCE
DIL
ton
Vripple(pp)
DIL
1
8 f CO
2
) (ESR)2
ton Iout
CO
) DIL
ESR
Iout
Vref
Rs
Vref
Rs
9. VSWCE − Darlington Switch Collector to Emitter Voltage Drop, refer to Figures 7 and 8.
10.VF − Output rectifier forward voltage drop. Typical value for 1N5819 Schottky barrier rectifier is 0.4 V.
11. The calculated ton/toff must not exceed the minimum guaranteed oscillator charge to discharge ratio.
Figure 14. Design Equations
The Following Converter Characteristics Must Be Chosen:
Vin − Nominal operating input voltage.
Vout − Desired output voltage.
Iout − Desired output current.
DIL − Desired peak−to−peak inductor ripple current. For maximum output current it is suggested that DIL be chosen to be
less than 10% of the average inductor current IL(avg). This will help prevent Ipk(Switch) from reaching the current limit threshold
set by RSC. If the design goal is to use a minimum inductance value, let DIL = 2(IL(avg)). This will proportionally reduce
converter output current capability.
f − Maximum output switch frequency.
Vripple(pp) − Desired peak−to−peak output ripple voltage. For best performance the ripple voltage should be kept to a low
value since it will directly affect line and load regulation. Capacitor CO should be a low equivalent series resistance (ESR)
electrolytic designed for switching regulator applications.


Similar Part No. - NCP3066MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063B ONSEMI-NCP3063B Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063BDR2G ONSEMI-NCP3063BDR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063BDR2G ONSEMI-NCP3063BDR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCP3063BMNTXG ONSEMI-NCP3063BMNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3066MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com