Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2527-50 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2527-50
Description  2500-2700 MHz 100 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2527-50 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-50
2500-2700 MHz
100 Watt Linear Power Amplifier
FOR MMDS APPLICATIONS
Parameter
Specification
Frequency Range
2.5 - 2.7 GHz
Pout (P1dB) - 0o to 55oC
+50 dBm
Third Order Intercept
Point
+61 dBm (typ.)
Gain at Rated Power
59 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return Loss
-14 dB / -14 dB
DC Input Voltage
+12 Volts
DC Input Current, typ.
31 Amps
Mechanical Dimensions
w/cover/heatsink/fans:
10.75 x 7.5 x 4.7 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
Stealth Microwave’s SM2527-50 is a 2.5 to
2.7
GHz
Solid
State
GaAs
amplifier
designed for the Multichannel Multipoint
Distribution System (MMDS) market. The
unit uses the latest FET and surface mount
technologies, allowing a compact size to fit
into tightly packed transmitters. The output
power at P1dB is +50 dBm (minimum over
temperature), the OIP3 is +61 dBm, and the
Gain at 100 Watts is 59 dB. It is available
in modular form (standard), or as a rack
mountable amplifier.
Features
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward/Reverse Power Detection
• RF Sampling
• Logic On/Off Control
• Integral Heatsink with two cooling
fans


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn