Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5212A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5212A
Description  Single Synchronous Step-Down Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5212A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5212A Datasheet HTML 5Page - ON Semiconductor NCP5212A Datasheet HTML 6Page - ON Semiconductor NCP5212A Datasheet HTML 7Page - ON Semiconductor NCP5212A Datasheet HTML 8Page - ON Semiconductor NCP5212A Datasheet HTML 9Page - ON Semiconductor NCP5212A Datasheet HTML 10Page - ON Semiconductor NCP5212A Datasheet HTML 11Page - ON Semiconductor NCP5212A Datasheet HTML 12Page - ON Semiconductor NCP5212A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCP5212A
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, TA =−40°C to 85°C, unless other noted)
Characteristics
Unit
Max
Typ
Min
Test Conditions
Symbol
TRE SETTING
TRE Threshold Detection Current
I_TRESET
Sourced from DL in the short period
before soft−start. (Rtre = 47 kW is
connected from DL to GND
7.2
8
8.8
mA
Detection Voltage for TRE Threshold
Selection
VDL_TRE_1
(Default)
Internal TRE_TH
is set to 300 mV
Rtre w 75 kW
(Note 2)
500
600
700
mV
VDL_TRE_2
Internal TRE_TH
is set to 500 mV
Rtre = 44 − 50 kW
(Note 2)
300
450
VDL_TRE_3
TRE is Disabled
Rtre v 25 kW
(Note 2)
0
250
TRE Comparator Offset
TRE_OS
(Note 2)
10
mV
Propagation Delay of TRE
Comparator
TD_PWM
(Note 2)
20
ns
THERMAL SHUTDOWN
Thermal Shutdown
Tsd
(Note 2)
150
°C
Thermal Shutdown Hysteresis
Tsdhys
(Note 2)
25
°C
2. Guaranteed by design, not tested in production.


Similar Part No. - NCP5212A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
NCP5212AMNTXG ONSEMI-NCP5212AMNTXG Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
More results

Similar Description - NCP5212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com