Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1219 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1219
Description  PWM Controller with Adjustable Skip Level and External Latch Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1219 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1219 Datasheet HTML 1Page - ON Semiconductor NCP1219 Datasheet HTML 2Page - ON Semiconductor NCP1219 Datasheet HTML 3Page - ON Semiconductor NCP1219 Datasheet HTML 4Page - ON Semiconductor NCP1219 Datasheet HTML 5Page - ON Semiconductor NCP1219 Datasheet HTML 6Page - ON Semiconductor NCP1219 Datasheet HTML 7Page - ON Semiconductor NCP1219 Datasheet HTML 8Page - ON Semiconductor NCP1219 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP1219
http://onsemi.com
5
Table 2. MAXIMUM RATINGS (Notes 1 − 4)
Rating
Symbol
Value
Unit
HV Voltage
VHV
−0.3 to 500
V
HV Current
IHV
100
mA
Supply Voltage
VCC
−0.3 to 20
V
Supply Current
ICC
100
mA
Skip/latch Voltage
VSkip/latch
−0.3 to 9.5
V
Skip/latch Current
ISkip/latch
100
mA
FB Voltage
VFB
−0.3 to 5.0
V
FB Current
IFB
100
mA
CS Voltage
VCS
−0.3 to 5.0
V
CS Current
ICS
100
mA
DRV Voltage
VDRV
−0.3 to 20
V
DRV Current
IDRV
−500 to 800
mA
Operating Junction Temperature
TJ
–40 to 150
°C
Storage Temperature Range
Tstg
–60 to 150
°C
Power Dissipation (TA = 25°C, 2.0 Oz Cu, 1.0 Sq Inch Printed Circuit Copper Clad)
D Suffix, Plastic Package Case 751U (SOIC−7) (Note 4)
PD
0.92
W
Thermal Resistance, Junction to Ambient (2.0 Oz Cu Printed Circuit Copper Clad)
D Suffix, Plastic Package Case 751U (SOIC−7)
Junction to Air, Low conductivity PCB (Note 3)
Junction to Lead, Low conductivity PCB (Note 3)
Junction to Air, High conductivity PCB (Note 4)
Junction to Lead, High conductivity PCB (Note 4)
RθJA
RθJL
RθJA
RθJL
177
75
136
69
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pins 1– 6: Human Body Model 3000 V per JEDEC JESD22−A114−F.
Pins 1– 6: Machine Model Method 300 V per JEDEC JESD22−A115−A.
Pin 8 is the HV startup of the device and is rated to the maximum rating of the part, or 500 V.
2. This device contains Latch−Up protection and exceeds ±100 mA per JEDEC Standard JESD78.
3. As mounted on a 40x40x1.5 mm FR4 substrate with a single layer of 80 mm2 of 2 oz copper traces and heat spreading area. As specified for
a JEDEC 51 low conductivity test PCB. Test conditions were under natural convection or zero air flow.
4. As mounted on a 40x40x1.5 mm FR4 substrate with a single layer of 650 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51 high conductivity test PCB. Test conditions were under natural convection or zero air flow.


Similar Part No. - NCP1219

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1219AD100R2G ONSEMI-NCP1219AD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219AD100R2G ONSEMI-NCP1219AD100R2G Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1219AD65R2G ONSEMI-NCP1219AD65R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219AD65R2G ONSEMI-NCP1219AD65R2G Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
More results

Similar Description - NCP1219

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
   Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Maxim Integrated Produc...
MAX22201EVKIT MAXIM-MAX22201EVKIT Datasheet
1Mb / 11P
   Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com