Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBXSBA019LNHTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXSBA019LNHTAG
Description  Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA019LNHTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NBXSBA019LNHTAG Datasheet HTML 1Page - ON Semiconductor NBXSBA019LNHTAG Datasheet HTML 2Page - ON Semiconductor NBXSBA019LNHTAG Datasheet HTML 3Page - ON Semiconductor NBXSBA019LNHTAG Datasheet HTML 4Page - ON Semiconductor NBXSBA019LNHTAG Datasheet HTML 5Page - ON Semiconductor NBXSBA019LNHTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 2
1
Publication Order Number:
NBXDBA019/D
NBXDBA019, NBXHBA019,
NBXSBA019
3.3 V, 125 MHz / 250 MHz
LVPECL Clock Oscillator
The single and dual frequency crystal oscillator (XO) is designed to
meet today’s requirements for 3.3 V LVPECL clock generation
applications. The device uses a high Q fundamental crystal and Phase
Lock Loop (PLL) multiplier to provide selectable 125 MHz or
250 MHz, ultra low jitter and phase noise LVPECL differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 125 MHz (default) / 250 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − $50 PPM
This is a Pb−Free Device
Applications
Ethernet, Gigabit Ethernet
Infiniband
Base Stations
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL/NC*
OE
CLK CLK
VDD
65
4
12
3
*NBXSBA019 and NBXHBA019 only
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDBA019LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING
DIAGRAMS
125/250
= Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBA019
125/250
AWLYYWWG
NBXSBA019LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXHBA019LN1TAG*
CLCC−6
(Pb−Free)
1000/
Tape & Reel
* Please contact sales office for availability
NBXSBA019
250
AWLYYWWG
NBXHBA019
125
AWLYYWWG
NBXDBA019LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXSBA019LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXHBA019LNHTAG*
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXSBA019LNHTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA019LNHTAG ONSEMI-NBXSBA019LNHTAG Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

Similar Description - NBXSBA019LNHTAG

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com