Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8084-001 Datasheet(PDF) 1 Page - Sonardyne sound in depth

Part # 8084-001
Description  Lodestar- Attitude & Heading Reference System (Surface)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8084-001 Datasheet(HTML) 1 Page - Sonardyne sound in depth

  8084-001 Datasheet HTML 1Page - Sonardyne sound in depth 8084-001 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Datasheet
Lodestar- Attitude & Heading Reference System (Surface)
Description
Lodestar is a solid state IMO
approved Attitude and Heading
Reference System (AHRS). The unit
comprised of six sensing elements,
three Ring Laser Gyros (RLG) and
three linear accelerometers, running
a Sonardyne developed
gyrocompass algorithm.
To facilitate surface vessel
applications a flexible power supply
of AC or DC input has been
incorporated. IMO certification
allows Lodestar AHRS to supply
heading, roll and pitch to a vessel’s
dynamic positioning system. In
addition full compensation, including
heave, can be supplied to additional
devices on board such as an
echosounder or helideck monitoring
system.
The Lodestar AHRS utilizes a genuine
gyrocompassing algorithm capable
of precise heading, roll and pitch
estimation in dynamic conditions
without the need for external aiding
inputs or vessel manoeuvres.
Lodestar also applies a heave
algorithm to the vertical motion of the
unit resulting in a robust heave
measurement solution. Therefore, the
Lodestar product is suitable for any
application that requires the accurate
measurement of heading, heave, roll,
and pitch in a highly dynamic
environment.
Where high accuracy and a risk free
solution is required, the Lodestar
AHRS is an ideal replacement for the
motion sensor and gyrocompass
package, due to its dynamic
capability and fast spin up time.
The Sonardyne Lodestar has been
designed with reliability as a priority.
The unit comprises of high grade,
commercially available, IMU
components with a very high
meantime between failure (MTBF).
Lodestar is compatible with all
Sonardyne LBL and USBL products,
as well as multiple applications in the
offshore and survey marketplace.
Key Features
Single IP66 rated solution for
motion sensor and gyrocompass
0.1º heading accuracy
0.01º roll and pitch accuracy
<5 minute settling time
5cm / 5% heave accuracy
Fast follow up speed of 500º / sec
MTBF RLG >100,000 hours
MTBF Lodestar >50,000 hours
Subsea versions available rated to
1,000, 3,000 and 5,000 metres
Flexible power input AC or DC
Transport approved Li-Ion battery
back up as standard
Internal 4GB memory allows post
processing of a 2 day mission
Designed and approved to IMO
Resolution A424(XI)
Ethernet interface
INS ready


Similar Part No. - 8084-001

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8084-000-11 SONARDYNE-8084-000-11 Datasheet
114Kb / 2P
   Lodestar- Attitude & Heading Reference System (Subsea)
8084-000-16 SONARDYNE-8084-000-16 Datasheet
114Kb / 2P
   Lodestar- Attitude & Heading Reference System (Subsea)
8084-000-21 SONARDYNE-8084-000-21 Datasheet
114Kb / 2P
   Lodestar- Attitude & Heading Reference System (Subsea)
More results

Similar Description - 8084-001

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8084-000-11 SONARDYNE-8084-000-11 Datasheet
114Kb / 2P
   Lodestar- Attitude & Heading Reference System (Subsea)
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
   Radian - Miniature Attitude & Heading Reference System
logo
Tyco Electronics
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE204 ETC-VRE204 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
logo
Microchip Technology
MCP7383X MICROCHIP-MCP7383X Datasheet
616Kb / 20P
   Li-Ion System Power Path Management Reference Design
01/02/08
logo
Central Semiconductor C...
CMXSTB200 CENTRAL-CMXSTB200 Datasheet
95Kb / 2P
   SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com