Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8084-000-16 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 8084-000-16
Description  Lodestar- Attitude & Heading Reference System (Subsea)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8084-000-16 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  8084-000-16 Datasheet HTML 1Page - Sonardyne sound in depth 8084-000-16 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 02/2009
Specifications
Lodestar- Attitude & Heading Reference System (Subsea)
330mm
358mm
Feature
Type 8084-000-11
Type 8084-000-16
Type 8084-000-21
Depth Rating
1,000 metres
3,000 metres
5,000 metres
Physical
Size
205mm Dia. x 358 mm
220mm Dia. x 425mm
205mm Dia. x 409mm
Weight in Air / Water
13.9kg / 2.9kg
22kg / 8kg
39kg / 28kg
Mechanical Construction
Anodised Aluminium
Anodised Aluminium
Super Duplex S/Steel
Specifications Common To All Type 8084 Subsea Lodestar Units.
Attitude
Heading
Range
0-360º
Accuracy
0.10º secant latitude rms
Settle Time
<5 minutes
Follow Up Speed
500º / second
Resolution
0.01º
Roll & Pitch
Range
±180º (No physical limit)
Accuracy
0.01º
Resolution
0.01º
Heave
Range
±99m
Accuracy (Real Time)
5cm or 5% (Whichever the greater)
Bandwidth
User selectable
Resolution
0.01m
Environmental
Operating Temperature
-10°C to +55°C
Shock Rating Operational
22g, 11ms half sine
Power Requirement
18 – 50V DC, 15W nominal, 20W peak
Back Up Battery Type / Life
Li-Ion / 3 hours
Data Storage
4GB internal memory
Digital Output
Number of Digital Ports/Protocol
4 Digital Ports / RS232 or RS485
Other Ports
1 × Ethernet
Optional INS
Upgrade Path
Yes
Navigation Error (Free Inertial)
>1.5NM/hr CEP
Maximum Acceleration
2.5g


Similar Part No. - 8084-000-16

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8084-001 SONARDYNE-8084-001 Datasheet
128Kb / 2P
   Lodestar- Attitude & Heading Reference System (Surface)
More results

Similar Description - 8084-000-16

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8084-001 SONARDYNE-8084-001 Datasheet
128Kb / 2P
   Lodestar- Attitude & Heading Reference System (Surface)
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
   Radian - Miniature Attitude & Heading Reference System
8057 SONARDYNE-8057 Datasheet
119Kb / 2P
   Subsea Acoustic Data Logger System
logo
Tyco Electronics
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
logo
Microchip Technology
MCP7383X MICROCHIP-MCP7383X Datasheet
616Kb / 20P
   Li-Ion System Power Path Management Reference Design
01/02/08
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Pentair plc. All rights...
255 PENTAIR-255 Datasheet
1Mb / 20P
   This manual is a reference and will not include every system installation situation
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com