Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9554AHV4I-G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT9554AHV4I-G
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554AHV4I-G Datasheet(HTML) 4 Page - ON Semiconductor

  CAT9554AHV4I-G Datasheet HTML 1Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 2Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 3Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 4Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 5Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 6Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 7Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 8Page - ON Semiconductor CAT9554AHV4I-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT9554, CAT9554A
Doc. No. MD-9002 Rev. F
4
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 2.3V to 5.5V; TA = -40°C to +85°C, unless otherwise specified.
(1)
Standard I
2C
Fast I
2C
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
µs
tLOW
Low Period of SCL Clock
4.7
1.3
µs
tHIGH
High Period of SCL Clock
4
0.6
µs
tSU:STA
START Condition Setup Time
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
µs
tSU:DAT
Data In Setup Time
250
100
ns
tR
(2)
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
µs
tBUF
(2)
Bus Free Time Between STOP and START
4.7
1.3
µs
tAA
SCL Low to Data Out Valid
3.5
0.9
µs
tDH
Data Out Hold Time
100
50
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
Symbol
Parameter
Min
Max
Units
Port Timing
tPV
Output Data Valid
200
ns
tPS
Input Data Setup Time
100
ns
tPH
Input Data Hold Time
1
µs
Interrupt Timing
tIV
Interrupt Valid
4
µs
tIR
Interrupt Reset
4
µs
Notes:
(1)
Test conditions according to "AC Test Conditions" table.
(2)
This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.


Similar Part No. - CAT9554AHV4I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554AHV4I-G ONSEMI-CAT9554AHV4I-G Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554AHV4I-G ONSEMI-CAT9554AHV4I-G Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
CAT9554AHV4I-GT2 ONSEMI-CAT9554AHV4I-GT2 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554AHV4I-GT2 ONSEMI-CAT9554AHV4I-GT2 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results

Similar Description - CAT9554AHV4I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com