Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9534HV4I-GT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT9534HV4I-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9534HV4I-GT2 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT9534HV4I-GT2 Datasheet HTML 1Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 2Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 3Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9534HV4I-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT9534
© 2009 SCILLC. All rights reserved
3
Doc. No. MD-9004 Rev. C
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = 2.3 to 5.5V; TA = -40°C to +85°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCC
Supply voltage
2.3
5.5
V
ICC
Supply current
Operating mode; VCC = 5.5V;
no load; fSCL = 100kHz
104
175
µA
Istbl
Standby current
Standby mode; VCC = 5.5V; no load;
VI = VSS; fSCL = 0kHz; I/O = inputs
0.25
3
µA
Istbh
Standby current
Standby mode; VCC = 5.5V; no load;
VI = VCC; fSCL = 0kHz; I/O = inputs
0.25
1
µA
VPOR
Power-on reset voltage
No load; VI = VCC or VSS
1.5
1.65
V
SCL, SDA, INT
¯¯¯
VIL
(1)
Low level input voltage
-0.5
0.3 x VCC
V
VIH
(1)
High level input voltage
0.7 x VCC
5.5
V
IOL
Low level output
current
VOL = 0.4V
3
mA
IL
Leakage current
VI = VCC or VSS
-1
+1
µA
CI
(2)
Input capacitance
VI = VSS
6
pF
CO
(2)
Output capacitance
VO = VSS
8
pF
A0, A1, A2
VIL
(1)
Low level input voltage
-0.5
0.8
V
VIH
(1)
High level input voltage
2.0
5.5
V
ILI
Input leakage current
-1
1
µA
I/Os
VIL
Low level input voltage
-0.5
0.8
V
VIH
High level input voltage
2.0
5.5
V
VOL = 0.5V; VCC = 2.3V
(3)
8
10
mA
VOL = 0.7 V; VCC = 2.3 V
(3)
10
13
mA
VOL = 0.5 V; VCC = 4.5 V
(3)
8
17
mA
VOL = 0.7 V; VCC = 4.5 V
(3)
10
24
mA
VOL = 0.5 V; VCC = 3.0 V
(3)
8
14
mA
IOL
Low level output
current
VOL = 0.7 V; VCC = 3.0 V
(3)
10
19
mA
IOH = -8 mA; VCC = 2.3 V
(4)
1.8
V
IOH = -10 mA; VCC = 2.3 V
(4)
1.7
V
IOH = - 8 mA; VCC = 3.0 V
(4)
2.6
V
IOH = -10 mA; VCC = 3.0 V
(4)
2.5
V
IOH = -8 mA; VCC = 4.75 V
(4)
4.1
V
VOH
High level output
voltage
IOH = -10 mA; VCC = 4.75 V
(4)
4.0
V
IL
Input leakage current
VCC = 3.6V; VI = VCC
1
µA
CI
(2)
Input capacitance
5
pF
CO
(2)
Output capacitance
8
pF
Notes:
(1)
VIL min and VIH max are reference values only and are not tested.
(2)
This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(3)
The total current sunk by all I/Os must be limited to 100mA and each I/O limited to 25mA maximum.
(4)
The total current sourced by all I/Os must be limited to 85mA.


Similar Part No. - CAT9534HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534HV4I-GT2 ONSEMI-CAT9534HV4I-GT2 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
More results

Similar Description - CAT9534HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com