Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9552WI Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT9552WI
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552WI Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT9552WI Datasheet HTML 7Page - ON Semiconductor CAT9552WI Datasheet HTML 8Page - ON Semiconductor CAT9552WI Datasheet HTML 9Page - ON Semiconductor CAT9552WI Datasheet HTML 10Page - ON Semiconductor CAT9552WI Datasheet HTML 11Page - ON Semiconductor CAT9552WI Datasheet HTML 12Page - ON Semiconductor CAT9552WI Datasheet HTML 13Page - ON Semiconductor CAT9552WI Datasheet HTML 14Page - ON Semiconductor CAT9552WI Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CAT9552
© 2008 SCILLC. All rights reserved
11
Doc. No. MD-9005 Rev B
Characteristics subject to change without notice
External Reset Operation
The CAT9552 registers and the I
2C state machine are
initialized to their default state when the RESET input
is held low for a minimum of tW. CAT9552’s registers
will be held in their default state until RESET returns
to a logic HIGH state. The external Reset timing is
shown in Figure 9.
Power-On Reset Operation
The CAT9552 incorporates Power-On Reset (POR)
circuitry which protects the internal logic against
powering up in the wrong state. The device is in a
reset state for VCC less than the internal POR
threshold level (VPOR). When VCC exceeds the VPOR
level, the reset state is released and the CAT9552
internal state machine and registers are initialized to
their default state. Thereafter VCC must be taken
below 0.2V to reset the device.
11
0
0
A2
A1
A0
READ FROM
PORT
DATA INTO
PORT
SDA
SA
A
DATA 1
DATA 4
Slave Address
Data From Port
Data From Port
Start Condition
R/W
Acknowledge
From Slave
Acknowledge
From Master
Stop
Condition
tps
DATA 4
DATA 2
P
DATA 3
tph
NA
DATA 1
No Acknowledge
From Master
Figure 8. Read Input Port Register Timing Diagram
Figure 9. RESET
¯¯¯¯¯¯ Timing Diagram
SDA
SCL
tRESET
tRESET
50%
30%
50%
50%
50%
tREC
tW
RESET
LEDx
LED OFF
ACK OR READ CYCLE
START


Similar Part No. - CAT9552WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552WI-T1 ONSEMI-CAT9552WI-T1 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results

Similar Description - CAT9552WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
logo
NXP Semiconductors
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com