Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9532YI Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT9532YI
Description  16-bit Programmable LED Dimmer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9532YI Datasheet(HTML) 4 Page - ON Semiconductor

  CAT9532YI Datasheet HTML 1Page - ON Semiconductor CAT9532YI Datasheet HTML 2Page - ON Semiconductor CAT9532YI Datasheet HTML 3Page - ON Semiconductor CAT9532YI Datasheet HTML 4Page - ON Semiconductor CAT9532YI Datasheet HTML 5Page - ON Semiconductor CAT9532YI Datasheet HTML 6Page - ON Semiconductor CAT9532YI Datasheet HTML 7Page - ON Semiconductor CAT9532YI Datasheet HTML 8Page - ON Semiconductor CAT9532YI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CAT9532
Doc. No. MD-9001 Rev. D
4
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = 2.3 to 5.5V, VSS = 0V; TA = -40ºC to +85ºC, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCC
Supply Voltage
2.3
5.5
V
ICC
Supply Current
Operating mode; VCC = 5.5V; no
load; fSCL = 100kHz
250
550
µA
Istb
Standby Current
Standby mode; VCC = 5.5V; no load;
VI = VSS or VCC, fSCL = 0kHz
2.1
5.0
µA
ΔI
stb
Additional Standby Current
Standby mode; VCC = 5.5V; every
LED I/O = VIN = 4.3V, fSCL = 0kHz
2
mA
VPOR
(1)
Power-on Reset Voltage
VCC = 3.3V, No load;
VI = VCC or VSS
1.5
2.2
V
SCL, SDA, RESET
¯¯¯¯¯¯
VIL
(2)
Low Level Input Voltage
-0.5
0.3 VCC
V
VIH
(2)
High Level Input Voltage
0.7 VCC
5.5
V
IOL
Low Level Output Current
VOL = 0.4V
3
mA
IIL
Leakage Current
VI = VCC = VSS
-1
+1
µA
CI
(3)
Input Capacitance
VI = VSS
6
pF
CO
(3)
Output Capacitance
VO = VSS
8
pF
A0, A1, A2
VIL
(2)
Low Level Input Voltage
-0.5
0.8
V
VIH
(2)
High Level Input Voltage
2.0
5.5
V
IIL
Input Leakage Current
-1
1
µA
I/Os
VIL
(2)
Low Level Input Voltage
-0.5
0.8
V
VIH
(2)
High Level Input Voltage
2.0
5.5
V
VOL = 0.4V; VCC = 2.3V
9
VOL = 0.4V; VCC = 3.0V
12
VOL = 0.4V; VCC = 5.0V
15
VOL = 0.7V; VCC = 2.3V
15
VOL = 0.7V; VCC = 3.0V
20
IOL
(4)
Low Level Output Current
VOL = 0.7V; VCC = 5.0V
25
mA
IIL
Input Leakage Current
VCC = 3.6V; VI = VSS or VCC
-1
1
µA
CI/O
(3)
Input/Output Capacitance
8
pF
Notes:
(1) VDD must be lowered to 0.2V in order to reset the device.
(2) VIL min and VIH max are reference values only and are not tested.
(3) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(4) The output current must be limited to a maximum 25mA per each I/O; the total current sunk by all I/O must be limited to 200mA (or 100mA
for eight I/Os)


Similar Part No. - CAT9532YI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532YI ONSEMI-CAT9532YI Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
203Kb / 14P
   16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
More results

Similar Description - CAT9532YI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
logo
NXP Semiconductors
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532_16 Datasheet
203Kb / 14P
   16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
logo
NXP Semiconductors
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com