Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411YI-00 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5411YI-00
Description  Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411YI-00 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5411YI-00 Datasheet HTML 1Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 2Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 3Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 4Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 5Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 6Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 7Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 8Page - ON Semiconductor CAT5411YI-00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT5411
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2114 Rev. K
Characteristics subject to change without notice
DEVICE OPERATION
The CAT5411 is two resistor arrays integrated with
SPI serial interface logic, two 6-bit wiper control
registers and eight 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one
tap point for each potentiometer is connected to its
wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read
or written to the wiper control registers or the non-
volatile memory data registers via the SPI bus.
Additional instructions allow data to be transferred
between the wiper control registers and each
respective potentiometer's non-volatile data registers.
Also, the device can be instructed to operate in an
"increment/decrement" mode.
SERIAL BUS PROTOCOL
The CAT5041 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the CAT5411 to interface directly with
many
of
today's
popular
microcontrollers.
The CAT5041 contains an 8-bit instruction register.
The instruction set and the operation codes are
detailed in the instruction set table 3.
After the device is selected with CS
¯¯¯ going low the first
byte will be received. The part is accessed via the SI
pin, with data being clocked in on the rising edge of
SCK. The first byte contains one of the six op-codes
that define the operation to be performed.
RELIABILITY CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND
(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH
(1)
Latch-Up
JEDEC Standard 17
100
mA
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT5411YI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411YI-00 CATALYST-CAT5411YI-00 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5411YI-00 CATALYST-CAT5411YI-00 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411YI-00-T1 CATALYST-CAT5411YI-00-T1 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411YI-00-T2 ONSEMI-CAT5411YI-00-T2 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
CAT5411YI-00-T2 ONSEMI-CAT5411YI-00-T2 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411YI-00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com