Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411WI-25 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5411WI-25
Description  Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411WI-25 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5411WI-25 Datasheet HTML 2Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 3Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 4Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 5Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 6Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 7Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 8Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 9Page - ON Semiconductor CAT5411WI-25 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT5411
Doc. No. MD-2114 Rev. K
6
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
Input Rise Time
2
µs
tFI
(1)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
CL = 50pF
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tWC
Write Cycle Time
5
ms
tV
Output Valid from Clock Low
250
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
250
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
250
ns
POTENTIOMETER AC CHARACTERISTICS
Symbol
Parameter
Max
Units
tWRL
Wiper response time after instruction issued (all load instructions)
10
µs
tWRID
Wiper response time from an active SCK edge (Increment/decrement instruction)
5
µs
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT5411WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411WI-25 CATALYST-CAT5411WI-25 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5411WI-25 CATALYST-CAT5411WI-25 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411WI-25-T1 CATALYST-CAT5411WI-25-T1 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411WI-25-T1 ONSEMI-CAT5411WI-25-T1 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
CAT5411WI-25-T1 ONSEMI-CAT5411WI-25-T1 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411WI-25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com