Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409WI-50 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5409WI-50
Description  Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409WI-50 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5409WI-50 Datasheet HTML 1Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 2Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 3Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 4Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 5Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 6Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 7Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 8Page - ON Semiconductor CAT5409WI-50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT5409
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2010 Rev. L
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS(1)
Parameters
Ratings
Units
Temperature Under Bias
-55 to +125
ºC
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to VSS
(1) (2)
-2.0 to +VCC + 2.0
V
VCC with Respect to Ground
-2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25ºC)
1.0
W
Lead Soldering Temperature (10sec)
300
ºC
Wiper Current
±12
mA
RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VCC
+2.5 to +6
V
Industrial Temperature
-40 to +85
°C
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00)
100
kΩ
RPOT
Potentiometer Resistance (-50)
50
kΩ
RPOT
Potentiometer Resistance (-10)
10
kΩ
RPOT
Potentiometer Resistance (-2.5)
2.5
kΩ
Potentiometer Resistance
Tolerance
±20
%
RPOT Matching
1
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
±6
mA
RW
Wiper Resistance
IW = ±3mA @ VCC = 3V
300
RW
Wiper Resistance
IW = ±3mA @ VCC = 5V
80
150
VTERM
Voltage on any RH or RL Pin
VSS = 0V
GND
VCC
V
Resolution
1.6
%
Absolute Linearity
(5)
RW(n)(actual) - R(n)(expected)
(8)
±1
LSB
(7)
Relative Linearity
(6)
RW(n+1) - [RW(n) + LSB]
(8)
±0.2
LSB
(7)
TCRPOT
Temperature Coefficient of RPOT
(4)
±300
ppm/ºC
TCRATIO
Ratiometric Temp. Coefficient
(4)
20
ppm/ºC
CH/CL/CW Potentiometer Capacitances
(4)
10/10/25
pF
fc
Frequency Response
RPOT = 50kΩ
(4)
0.4
MHz
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
(5) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
(6) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentio-
meter. It is a measure of the error in step size.
(7) LSB = RTOT / 63 or (RH - RL) / 63, single pot.
(8) n = 0, 1, 2, ..., 63


Similar Part No. - CAT5409WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409WI-50 CATALYST-CAT5409WI-50 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-50-T1 ONSEMI-CAT5409WI-50-T1 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
CAT5409WI-50-T1 ONSEMI-CAT5409WI-50-T1 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
logo
Catalyst Semiconductor
CAT5409WI-50-TE13 CATALYST-CAT5409WI-50-TE13 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5409WI-50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com