Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2527-34HS Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM2527-34HS
Description  2500-2700 MHz 3 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2527-34HS Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-34HS
2500-2700 MHz
3 Watt Linear Power Amplifier
FOR MMDS APPLICATIONS
DIMENSIONS IN INCHES
Pin
Description
Values
RF Input
Input Connector (SMA Female)
+1 dBm typ.
RF Output
Output Connector (SMA Female)
+ 34 dBm @ P1dB
GND
Ground Turret
---
+12 VDC
DC Input Voltage
+ 12 Volts @ 1.2 Amperes
On/Off
TTL Logic On/Off
0 Volts = Off, +5 Volts = On
Specifications subject to change without notice.
ON/OFF
RF IN
+12 VDC
GND
RF OUT
Model: SM2527-34HS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn