Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2527-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2527-34HS
Description  2500-2700 MHz 3 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2527-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-34HS
2500-2700 MHz
3 Watt Linear Power Amplifier
FOR MMDS APPLICATIONS
Parameter
Specification
Frequency Range
2.5 – 2.7 GHz
Pout (P1dB)
+ 34 dBm
Third Order Intercept
Point
+ 47 dBm (typ.)
Linear Gain
33 dB ± 1.0 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return
Loss
-16 dB / -16 dB
DC Input Voltage
+10 Volts
(+12 V Operation Available)
DC Input Current
1.2 Amperes (typ.)
1.4 Amperes (max.)
Mechanical Dimensions
4.7 x 2.0 x .54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2527-34HS is a 2.5 to 2.7 GHz
solid state GaAs FET amplifier designed for
the Multichannel Multipoint Distribution
System (MMDS) market. The output power
(P1dB) is +34 dBm, the OIP3 is +47 dBm,
and the Linear Gain is 33 dB. The unit uses
the latest surface mount technologies to
provide
numerous
features,
while
maintaining a very small size.
Features
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Single Power Supply
• Logic On/Off Control
• Heatsink
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn