Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5261WI-50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5261WI-50
Description  Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261WI-50 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5261WI-50 Datasheet HTML 1Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 2Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 3Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 4Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 5Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 6Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 7Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 8Page - ON Semiconductor CAT5261WI-50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT5261
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2122 Rev. F
Characteristics subject to change without notice
Dual Digitally Programmable Potentiometers
(DPP™) with 256 Taps and SPI Interface
FEATURES
Two linear-taper digitally programmable
potentiometers
256 resistor taps per potentiometer
End to end resistance 50kΩ or 100kΩ
Potentiometer control and memory access via
SPI interface
Low wiper resistance, typically 100
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Industrial temperature range
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC/TSSOP (W, Y)
SO
1
24 HOLD
¯¯¯¯¯
A0
2
23 SCK
NC
3
22 NC
NC
4
21 NC
NC
5
20 NC
NC
6
19 NC
VCC 7
CAT
5261
18 GND
RL0 8
17 RW1
RH0 9
16 RH1
RW0 10
15 RL1
CS
¯¯¯ 11
14 A1
WP
¯¯¯ 12
13 SI
DESCRIPTION
The
CAT5261
is
two
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 8 bytes of NVRAM memory. Each DPP consists of
a series of resistive elements connected between two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the wiper
tap switches for each DPP. Associated with each wiper
control register are four 8-bit non-volatile memory data
registers (DR) used for storing up to four wiper settings.
Writing to the wiper control register or any of the non-
volatile data registers is via a SPI serial bus. On power-
up, the contents of the first data register (DR0) for each
of the potentiometers is automatically loaded into its
respective wiper control register.
The CAT5261 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40°C to 85°C
industrial operating temperature range and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A0
A1
WP
HOLD
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
SCK
SI
CS
SO


Similar Part No. - CAT5261WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261WI-50 CATALYST-CAT5261WI-50 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50-T1 ONSEMI-CAT5261WI-50-T1 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261WI-50-T1 ONSEMI-CAT5261WI-50-T1 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261WI-50TE13 CATALYST-CAT5261WI-50TE13 Datasheet
95Kb / 15P
   Dual Digitally Programmable Potentiometer
More results

Similar Description - CAT5261WI-50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com