Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH273DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH273DW
Description  3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH273DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVTH273DW Datasheet HTML 3Page - Texas Instruments SN74LVTH273DW Datasheet HTML 4Page - Texas Instruments SN74LVTH273DW Datasheet HTML 5Page - Texas Instruments SN74LVTH273DW Datasheet HTML 6Page - Texas Instruments SN74LVTH273DW Datasheet HTML 7Page - Texas Instruments SN74LVTH273DW Datasheet HTML 8Page - Texas Instruments SN74LVTH273DW Datasheet HTML 9Page - Texas Instruments SN74LVTH273DW Datasheet HTML 10Page - Texas Instruments SN74LVTH273DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LVTH273DBLE
OBSOLETE
SSOP
DB
20
TBD
Call TI
Call TI
SN74LVTH273DBR
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273DBRE4
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273DW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273DWE4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273DWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273DWRE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273NSR
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273NSRE4
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273PW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273PWE4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273PWLE
OBSOLETE
TSSOP
PW
20
TBD
Call TI
Call TI
SN74LVTH273PWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273PWRE4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVTH273PWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2005
Addendum-Page 1


Similar Part No. - SN74LVTH273DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH273DW TI1-SN74LVTH273DW Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DWG4 TI1-SN74LVTH273DWG4 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DWR TI1-SN74LVTH273DWR Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DWRE4 TI1-SN74LVTH273DWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DWRG4 TI1-SN74LVTH273DWRG4 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74LVTH273DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI1-SN54LVTH273_16 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273-EP TI1-SN74LVTH273-EP Datasheet
435Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com