Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5251WI-00 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5251WI-00
Description  Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5251WI-00 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5251WI-00 Datasheet HTML 6Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 7Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 8Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 9Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 10Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 11Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 12Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 13Page - ON Semiconductor CAT5251WI-00 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT5251
Doc. No. MD-2017 Rev. G
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
Figure 10. Increment/Decrement Timing Limits
INSTRUCTION FORMAT
Read Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0
0 A
1
A
0
1 0
0
1
0
0 P
1
P
0
7
6
5
4
3
2
1
0 CS
¯¯¯
Write Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0
0 A
1
A
0
1
0
1
0
0
0 P
1
P
0
7
6
5
4
3
2
1
0 CS
¯¯¯
Read Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
1 0 1 1 R
1
R
0
P
1
P
0
7 65 432 10 CS
¯¯¯
Write Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
1 1 0 0 R
1
R
0
P
1
P
0
76 54 32 10 CS
¯¯¯ High Voltage
Write Cycle
Read Status (WIP)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
0 1 0 1 0 0 0 1 7
0
6
0
5
0
4
0
3
0
2
0
1
0
W
I
P
CS
¯¯¯
SCK
SI
RW
INC/DEC
Command
Issued
Voltage Out
tWRL


Similar Part No. - CAT5251WI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251WI-00 CATALYST-CAT5251WI-00 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251WI-00-T1 ONSEMI-CAT5251WI-00-T1 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT5251WI-00-T1 ONSEMI-CAT5251WI-00-T1 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT5251WI-00TE13 CATALYST-CAT5251WI-00TE13 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
More results

Similar Description - CAT5251WI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com