Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241YI-10 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5241YI-10
Description  Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241YI-10 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5241YI-10 Datasheet HTML 1Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 2Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 3Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 4Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 5Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 6Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 7Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 8Page - ON Semiconductor CAT5241YI-10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5241
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2011 Rev. Q
Characteristics subject to change without notice
Quad Digitally Programmable Potentiometer (DPP™) with
64 Taps and I²C Interface
FEATURES
Four linear-taper digitally programmable
potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k
Ω, 10kΩ, 50kΩ or
100k
Potentiometer control and memory access via
I²C interface
Low wiper resistance, typically 80
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
20-lead SOIC and TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC 20 Lead (W)
TSSOP 20 Lead (Y)
RW0
1
20 V
CC
RL0
2
19 R
W3
RH0
3
18 R
L3
A0
4
17 R
H3
A2
5
16 A1
RW1
6
15 A3
RL1
7
14 SCL
RH1
8
13 R
W2
SDA
9
12 R
L2
GND
10
11 R
H2
CAT
5241
DESCRIPTION
The
CAT5241
is
four
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists
of a series of 63 resistive elements connected
between two externally accessible end points. The tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DPP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a I²C serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register (WCR).
The CAT5241 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
SCL
SDA
A0
A1
A2
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
I2C BUS
INTERFACE
RW2
RH2
RL2
RW3
RH3
RL3


Similar Part No. - CAT5241YI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241YI-10 CATALYST-CAT5241YI-10 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241YI-10 CATALYST-CAT5241YI-10 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241YI-10-T2 ONSEMI-CAT5241YI-10-T2 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5241YI-10-T2 ONSEMI-CAT5241YI-10-T2 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241YI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com