Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241WI-25 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5241WI-25
Description  Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241WI-25 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5241WI-25 Datasheet HTML 6Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 7Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 8Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 9Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 10Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 11Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 12Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 13Page - ON Semiconductor CAT5241WI-25 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT5241
Doc. No. MD-2011 Rev. Q
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper.
The response of the wiper to this action will be
delayed by tWRL. A transfer from the WCR (current
wiper position), to a Data Register is a write to non-
volatile memory and takes a maximum of tWR to
complete. The transfer can occur between one of the
four
potentiometers
and
one
of
its
associated
registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 7. These instructions
transfer data between the host/processor and the
CAT5241; either between the host and one of the data
registers or directly between the host and the Wiper
Control Register. These instructions are:
— XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
— XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
— Global XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data
Registers
to
the
associated
Wiper
Control
Registers.
— Global XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control
Registers
to
the
specified
associated
Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (Figure 5
and
9).
The
Increment/Decrement
command
is
different
from
the
other
commands.
Once
the
command is issued and the CAT5241 has responded
with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps;
thereby providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH,
the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move
one resistor segment towards the RL terminal.
See Instructions format for more detail.
Figure 7. Two-Byte Instruction Sequence
Figure 8. Three-Byte Instruction Sequence
Figure 9. Increment/Decrement Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0
A
C
K
I2
I1
I0
R1 R0
A
C
K
SDA
S
T
O
P
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
P1 P0
Pot/WCR
Address
A1
A3
I3
I3
I2
I1
I0
R1 R0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2
A1
A0
A
C
K
Pot/WCR
Address
P1 P0
A
C
K
SDA
S
T
O
P
A
C
K
D7
D6 D5 D4 D3 D2
D1 D0
A3
I3
I2
I1
I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
S
T
A
R
T
01
01
A2
A1 A0
A
C
K
R0
Address
P1 P0
A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3
Data
Register
Address
Pot/WCR


Similar Part No. - CAT5241WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241WI-25 CATALYST-CAT5241WI-25 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241WI-25 CATALYST-CAT5241WI-25 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-25-T1 ONSEMI-CAT5241WI-25-T1 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5241WI-25-T1 ONSEMI-CAT5241WI-25-T1 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com