Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5221WI-50 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5221WI-50
Description  Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5221WI-50 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5221WI-50 Datasheet HTML 1Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 2Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 3Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 4Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 5Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 6Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 7Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 8Page - ON Semiconductor CAT5221WI-50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5221
© 2008 SCILLC. All rights reserved.
5
Doc. No. MD-2113 Rev. L
Characteristics subject to change without notice
WRITE CYCLE LIMITS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase
cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the
device does not respond to its slave address.
RELIABILITY CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND
(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH
(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2)
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Figure 1. Bus Timing
Figure 2. Write Cycle Timing
Figure 3. Start/Stop Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Similar Part No. - CAT5221WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221WI-50 CATALYST-CAT5221WI-50 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221WI-50-T1 ONSEMI-CAT5221WI-50-T1 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5221WI-50-T1 ONSEMI-CAT5221WI-50-T1 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Catalyst Semiconductor
CAT5221WI-50TE13 CATALYST-CAT5221WI-50TE13 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5221WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com