Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2325-44L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2325-44L
Description  2300-2500 MHz 25 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2325-44L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-44L
2300-2500 MHz
25 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 - 2.5 GHz
Pout (P1dB)
+ 44 dBm
Third Order Intercept
Point
+ 63 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-16/-18 dB
(Output Isolator)
DC Input Voltage
+ 12 Volts
DC Input Current
8.5 Amperes
(Varies per application)
Mechanical Dimensions
(With Heatsink)
7.5 x 5.0 x 3.3 inches
RF Connectors
SMA Female
Operating Temperature
0o C to +65o C
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
Stealth Microwave’s SM2325-44L is a
solid state GaAs FET amplifier designed for
the Wireless Local Loop (WLL) market.
The P1dB is +44 dBm, the OIP3 is +63
dBm, and the linear gain is 55 dB. Our
proprietary linearization technique improves
the OIP3 by almost 9 dB. The unit is
available in modular form (standard), or as
a rack mountable amplifier.
Features
• Mis-Match Protected
• Single DC Supply of +12 V
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control up to 10µs
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn