Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2325-41L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2325-41L
Description  2300-2500 MHz 12 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2325-41L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-41L
2300-2500 MHz
12 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 - 2.5 GHz
Pout (P1dB)
+ 41 dBm
Third Order Intercept
Point
+ 60 dBm
Linear Gain
55 dB ± 2 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-16/-18 dB
DC Input Voltage
+ 12 Volts
DC Input Current
5.0 Amperes
(Varies per application)
Mechanical Dimensions
(With Heatsink)
7.5 x 5.0 x 2.0 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2325-41L is a solid state GaAs
amplifier designed for Industrial Scientific
Medical (ISM), Wireless Communications
Systems (WCS), and Wireless Local Loop
(WLL) applications. The amplifier operates
over a frequency band of 2300-2500 MHz,
and provides 55 dB of Linear gain with a
P1dB of +41 dBm. It uses the latest FET
technology
and
offers
ultra
linear
performance
for
rigorous
system
requirements. The unit is available in
modular form or as a rack mountable
amplifier.
Features
• Mis-Match Protected
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control up to 10µs
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn