Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126ZI-00-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5126ZI-00-GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126ZI-00-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5126ZI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT5126
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2129 Rev. C
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
VDD = 2.5V to 5.5V, VPP = GND, RH = VDD, RL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VDD = 5.0V, TA = +25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC PERFORMANCE
RES
Resolution
3.2
%
-10 Device
8
10
12
-50 Device
40
50
60
RPOT
End-to-End Resistance
-00 Device
80
100
120
k
TCRPOT
TC of Pot Resistance
±50
±300
ppm/°C
TCRATIO
Ratiometric Resistance
TC
±5
±20
ppm/°C
INL
Integral Nonlinearity
Potentiometer configuration,
no load
0.5
1
LSB
DNL
Differential Nonlinearity
Potentiometer configuration,
no load
0.25
0.5
LSB
VDD = 5V
70
100
RW
Wiper Resistance
VDD = 2.5V
150
200
DIGITAL INPUTS (CS
¯¯¯, U/D
¯)
VIH
Input High Voltage
0.7 x VDD
V
VIL
Input Low Voltage
0.3 x VDD
V
IIN
Input Leakage Current
±0.1
±1
µA
CIN
Input Capacitance
5
pF
POWER SUPPLY
VDD
Supply Voltage
2.5
5.5
V
IDD
Stand by Current
(Note 2)
0.35
1
µA
IDDW
Programming Current
0.25
1
mA
VDD = 5V
8.5
10
VPP
Programming Voltage
VDD = 2.5V
6.0
10
V
IPP
VPP Input Current
VPP = 10V
5
µA
Notes:
(1)
All devices are production tested at TA = +25°C and are guaranteed by design for TA = -40°C to +85°C.
(2)
Digital inputs CS
¯¯¯ and U/D
¯ are connected to GND or VDD.


Similar Part No. - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results

Similar Description - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126 ONSEMI-CAT5126 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com