Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126VP2I-10-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5126VP2I-10-GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126VP2I-10-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5126VP2I-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126VP2I-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT5126
Doc. No. MD-2129 Rev. C
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin
Name
Function
1
RW
Wiper Connection
2
CS
¯¯¯
Chip-Select Input. A high-to-low CS
¯¯¯ transition determines the mode: increment if U/D
¯ is high, or
decrement if U/D
¯ is low. CS
¯¯¯ is also used for one-time programming (see the One-Time
Programming section).
3
VDD
Power-Supply Voltage
4
GND
Ground
5
VPP
Programming Voltage for One-Time Programming. Connect VPP to 10V supply when one-time
programming the device. For normal operation, connect to ground or let float.
6
U/D
¯
Up/Down Control Input. With CS
¯¯¯ low, a low-to-high transition increments or decrements the
wiper position.
7
RL
Low Terminal of Resistor
8
RH
High Terminal of Resistor
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VDD to GND
-0.5 to +7.0
V
VPP to GND
-0.5 to +12.0
V
All other pins to GND
-0.5 to VDD +0.5
V
Maximum Continuous Current into H, L, and W
±1.5
mA
Continuous Power Dissipation (TA = +70°C)
MSOP 8-Lead (derate 4.5mW/°C above +70°C)
TDFN 8-Pad (derate 24.4mW/°C above +70°C)
362
1951
mW
mW
Operating Temperature Range
-40 to +85
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65 to +150
ºC
Lead Temperature (soldering, 10s)
+300
ºC
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.


Similar Part No. - CAT5126VP2I-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
More results

Similar Description - CAT5126VP2I-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126 ONSEMI-CAT5126 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com