Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2325-37HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2325-37HS
Description  2300-2500 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2325-37HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-37HS
2300-2500 MHz
5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 – 2.5 GHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept Point
+ 50 dBm
Linear Gain
34 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-16 dB
DC Input Voltage
+12 Volts (+10 V Operation
Available)
DC Input Current
1.9 Amperes (typ.)
Mechanical Dimensions
(Without Heatsink)
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2325-37HS is a solid state GaAs
amplifier designed primarily for multiple
wireless markets. With 200 MHz of
instantaneous bandwidth, the amplifier
can be used in Industrial Scientific Medical
(ISM), Wireless Communications Systems
(WCS), and Wireless Local Loop (WLL)
applications. This amplifier operates from
2300 to 2500 MHz, provides 34 dB of gain,
± 0.5 dB gain flatness over the full band,
and +37 dBm of output power at the 1 dB
compression
point.
This
highly
linear
design provides an output third order
intercept point of + 50 dBm. The amplifier
operates off a single supply of +12V (+10V
available as an option) and 1.9 A typical.
The unit uses the latest surface mount
technologies to provide numerous features,
while maintaining a very small size.
Features
• Mis-Match Protected
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10 V
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn