Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2325-37H Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2325-37H
Description  2300-2500 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2325-37H Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-37H
2300-2500 MHz
5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 – 2.5 GHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept
Point
+ 51 dBm
Linear Gain
34 dB ± 1.0 dB (20 dB
version available)
Gain Flatness over
Full Band
± .5 dB
Input/Output VSWR
1.4:1/1.5:1
DC Input Voltage
+ 12 Volts
DC Input Current
1.9 Amperes
Mechanical Dimensions
(Without Heatsink)
5.0 x 2.5 x 0.563 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2325-37H is a solid state GaAs
amplifier designed for multiple wireless
markets. With 200 MHz of instantaneous
bandwidth, the amplifier can be used in
Industrial
Scientific
Medical
(ISM),
Wireless Communications Systems (WCS),
and
Wireless
Local
Loop
(WLL)
applications. This unit operates over a
frequency
range
of
2300-2500
MHz,
provides 34 dB of gain with a gain flatness
of ± 0.25 dB, has a 1 dB compression point
of +37 dBm, and an output third order
intercept point of +51 dBm. The amplifier
runs off a single supply voltage of +12 V.
This design uses the latest surface mount
technologies to provide numerous features,
while maintaining a very small size. It is
available standard in modular form.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Integral Heatsink
• Logic On/Off Control
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn