Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2325-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2325-34HS
Description  2300-2500 MHz 3 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2325-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-34HS
2300-2500 MHz
3 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
2.3 – 2.5 GHz
Pout (P1dB)
+ 34 dBm
Third Order Intercept
Point
+ 47 dBm (typ.)
Linear Gain
33 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-16 dB
DC Input Voltage
+12 Volts (+10 V Operation
Available)
DC Input Current
1.2 Amperes (typ.)
1.4 Amperes (max.)
Mechanical Dimensions
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM2325-34HS is a solid state GaAs
amplifier designed primarily for Industrial
Scientific
Medical
(ISM),
Wireless
Communications Systems (WCS), and
Wireless Local Loop (WLL) applications.
This amplifier operates from 2300 to 2500
MHz, provides 33 dB of gain, ± 0.5 dB
gain flatness over the full band, and +34
dBm of output power at the 1 dB
compression point. This highly linear
design provides an output third order
intercept point of + 47 dBm.
The
amplifier operates off a single supply of
+12V (+10V available as an option) and
1.2 A typical. The unit uses the latest
surface mount technologies to provide
numerous features, while maintaining a
very small size.
Features
• Mis-Match Protected
• Over Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10 V
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn