Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114VI-10-G Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5114VI-10-G
Description  32-Tap Digitally Programmable Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114VI-10-G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5114VI-10-G Datasheet HTML 2Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 3Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 4Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 5Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 9Page - ON Semiconductor CAT5114VI-10-G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT5114
Doc. No. MD-2007 Rev. R
6
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
APPLICATIONS INFORMATION
POTENTIOMETER CONFIGURATION
APPLICATIONS
Programmable Instrumentation Amplifier
Programmable Sq. Wave Oscillator (555)
Programmable Voltage Regulator
Programmable I to V Convertor
(a) resistive divider
(b) variable resistance
(c) two-port
+5V
0.01µF
0.01µF
0.003µF
pRPOT
(1-p)RPOT
R2
C
R1
RB
RA
5
3
6
7
8
4
1
2
65
3
2
8
1
7
4
+5V
DPP
555
CAT5114
0.1µF
1µF
6.8µF
R1
11kΩ
100kΩ
VO (REG)
R3
10kΩ
R2
820
1.23V
2
8
1
7
4
5
3
6
+5V
DPP
2952
CAT5113/5114
VOUT
FB
SD
SHUTDOWN
VIN (UNREG)
GND
+2.5V
VO
A1
+5V
IS
2
7
3
3
5
4
6
6
+
A2
LT1097
+5V
2
7
3
4
6
+
2
8
1
7
4
+5V
CAT5113/5114
DPP
pR (1-p)R
330Ω
330Ω
1MΩ
10k
R2
R3
A3
A2
A1
A1 = A2 = A3 = ¼ LM6064
R2 = R3 = R4 = 5kΩ
RPOT = 10kΩ
+5V
+2.5V
VO
R4
R3
R4
R2
R1
2
8
3
2
6
5
7
9
4
10
11
8
1
1
7
4
+
+
+
+5V
V1 (-)
V2 (+)
CAT5113/5114
DPP


Similar Part No. - CAT5114VI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114VI-10-G CATALYST-CAT5114VI-10-G Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114VI-10-GT3 ONSEMI-CAT5114VI-10-GT3 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5114VI-10-GT3 ONSEMI-CAT5114VI-10-GT3 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results

Similar Description - CAT5114VI-10-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com