Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5112YI-00-G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5112YI-00-G
Description  32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5112YI-00-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5112YI-00-G Datasheet HTML 1Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 2Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 3Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 4Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 5Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 6Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 7Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 8Page - ON Semiconductor CAT5112YI-00-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT5112
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2002 Rev. N
Characteristics subject to change without notice
32-Tap Digitally Programmable Potentiometer (DPP™)
with Buffered Wiper
FEATURES
32-position linear taper potentiometer
Non-volatile EEPROM wiper storage;
buffered wiper
Low power CMOS technology
Single supply operation: 2.5V - 6.0V
Increment up/down serial interface
Resistance values: 10kΩ, 50kΩ and 100kΩ
Available in PDIP, SOIC, TSSOP and MSOP
packages
APPLICATIONS
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 10.
DESCRIPTION
The CAT5112 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers. Ideal for
automated adjustments on high volume production
lines, they are also well suited for applications where
equipment requiring periodic adjustment is either
difficult to access or located in a hazardous or remote
environment.
The CAT5112 contains a 32-tap series resistor array
connected between two terminals RH and RL. An
up/down counter and decoder that are controlled by
three input pins, determines which tap is connected to
the wiper, RWB. The CAT5112 wiper is buffered by an
op amp that operates rail to rail. The wiper setting,
stored in non-volatile memory, is not lost when the
device is powered down and is automatically recalled
when power is returned. The wiper can be adjusted to
test new system values without effecting the stored
setting. Wiper-control of the CAT5112 is accompli-
shed with three input control pins, CS
¯¯ , U/D
¯, and INC
¯¯¯.
The INC
¯¯¯ input increments the wiper in the direction
which is determined by the logic state of the U/D
¯ input.
The CS
¯¯ input is used to select the device and also
store the wiper position prior to power down.
The digitally programmable potentiometer can be
used as a buffered voltage divider. For applications
where the potentiometer is used as a 2-terminal
variable resistor, please refer to the CAT5114. The
buffered wiper of the CAT5112 is not compatible with
that application.
FUNCTIONAL DIAGRAM
Control
and
Memory
Power On Recall
VCC
GND
U/D
INC
CS
RH
RH
RWB
RWB
RL
RL
+
+
Electronic Potentiometer Implementation


Similar Part No. - CAT5112YI-00-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112YI-00-G CATALYST-CAT5112YI-00-G Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112YI-00-GT3 ONSEMI-CAT5112YI-00-GT3 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
CAT5112YI-00-GT3 ONSEMI-CAT5112YI-00-GT3 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
More results

Similar Description - CAT5112YI-00-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com