Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2025-44L Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM2025-44L
Description  2000-2500 MHz 25 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2025-44L Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM2025-44L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2025-44L Datasheet HTML 2Page - Stealth Microwave, Inc. SM2025-44L Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2025-44L
2000-2500 MHz
25 Watt Linear Power Amplifier
FOR DVB APPLICATIONS
Pin
Description
Values
RF INPUT
Input Connector (Female SMA)
- 10 dBm, typical
RF OUTPUT
Output Connector (Female SMA)
+44dBm @P1dB
RF SAMPLE
Sample RF Port (Female SMA)
30 dBr
GND
Ground Turret
---
FWD
Forward Power Detector
+ 38 dBm Output Power
≈ + 2.5 Volts
REV
Reverse Power Detector
∞ VSWR @ + 38 dBm ≈ + 3.0 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 8.5 Amperes (typ.)
ON/OFF
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
CNTL
TTL Pulse Control
Switching Speed up to 100 kHz
Specifications subject to change without notice.


Similar Part No. - SM2025-44L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2025-41LS STEALTH_MICROWAVE-SM2025-41LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM2025-44L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2025-38LS STEALTH_MICROWAVE-SM2025-38LS Datasheet
141Kb / 2P
   2000-2500 MHz 6 Watt Ultra-Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
SM2025-41LS STEALTH_MICROWAVE-SM2025-41LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com