Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2023-41 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2023-41
Description  2000-2300 MHz 12 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2023-41 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2023-41
2000-2300 MHz
12 Watt Linear Power Amplifier
FOR UMTS APPLICATIONS
Parameter
Specification
Frequency Range
2.0 – 2.3 GHz (100
MHz bands)
Pout (P1dB)
+ 41 dBm (min.)
Third Order Intercept
Point
+ 51 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-16 dB / -18 dB
DC Input Voltage
+ 12 Volts
DC Input Current, typ.
4.5 Amps
Level Control
(Optional)
20 dB (min.)
Mechanical Dimensions
7.5 x 5.0 x 3.3 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
The SM2023-41 is a 2.0 to 2.3 GHz solid
state GaAs amplifier designed for the
Universal
Mobile
Telecommunication
Systems (UMTS) market. The amplifier
provides 55 dB of Linear Gain with a Gain
Flatness of ± 0.5 dB, +41 dBm of Output
Power at P1dB, and an OIP3 of +51 dBm.
By
using
the
latest
surface
mount
technologies, this small amplifier can easily
fit into tightly packed transmitters and
repeaters. The unit is available in modular
form (standard), or as a rack mountable
amplifier.
Features
• Single Power Supply
Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Logic On/Off Control
• Integral Heatsink


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn