Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2023-37H Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2023-37H
Description  2000-2300 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2023-37H Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2023-37H
2000-2300 MHz
5 Watt Linear Power Amplifier
FOR UMTS APPLICATIONS
Parameter
Specification
Frequency Range
2.0 – 2.3 GHz
Pout (P1dB)
+ 37 dBm (min.)
Third Order Intercept
Point
+ 50 dBm (min.)
Linear Gain
34 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output VSWR
-16 dB
DC Input Voltage
+ 12 Volts
DC Input Current
1.9 Amperes (typ.)
Mechanical Dimensions
5.0 x 2.5 x .6 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Model SM2023-37H is an 2000 to 2300
MHz solid state GaAs amplifier designed
for multi-purpose use in various wireless
applications. This module provides +37
dBm of output power at P1dB, and OIP3
of +50 dBm. The gain flatness over the
full band is ± .5 dB. It comes standard in
modular form with four (4) thru-holes for
mounting.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• Laboratory Unit
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn