Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM2022-50L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM2022-50L
Description  2000-2200 MHz 100 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM2022-50L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2022-50L
2000-2200 MHz
100 Watt Linear Power Amplifier
Parameter
Specification
Frequency Range
2.0 - 2.2 GHz
Pout (P1dB) - 0o to
55oC
+50 dBm
Third Order Intercept
Point
+68 dBm (typ.)
Gain at Rated Power
59 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return
Loss
-14 dB / -14dB
DC Input Voltage
+12 Volts
DC Input Current, typ.
34 Amperes
Mechanical Dimensions
(Including Heatsink and
Fans)
10.75 x 7.5 x 4.7 inches
RF Connectors
Input - SMA Female,
Output - N-Type Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2022-50L is a solid state GaAs FET
amplifier designed for various high power
or multi-carrier applications.The amplifier
operates over a frequency band of 2000 to
2200 MHz and has a P1dB of +50 dBm.
Linear gain is +59 dB, gain flatness is ± 0.5
dB over the full band, and has an OIP3 of
+68 dBm.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward/Reverse Power Detection
• RF Sampling
• TTL On/Off Control
• Integral Heatsink with two cooling
fans
Configurations
• Module
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn