Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1923-44 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM1923-44
Description  1900-2300 MHz 25 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1923-44 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1923-44
1900-2300 MHz
25 Watt Linear Power Amplifier
PCS APPLICATIONS
DIMENSIONS IN INCHES
RF
INPUT
TM
OUTPUT
RF
REV
RF
SMPL
FWD
+12VDC
ON/OFF
CNTL
GND
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
-9 dBm typical
RF OUTPUT
Output Connector (SMA Female)
+44dBm @P1dB
RF SAMPLE
Sample RF Port ( SMA Female )
30 dBr
GND
Ground Turret
---
FWD
Forward Power Detector
+ 36 dBm Output Power
≈ + 1.2 Volts
REV
Reverse Power Detector
∞ VSWR @ + 36 dBm ≈ + 3.0 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 8.2 Amps (operational)
ON/OFF
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
CNTL
TTL Pulse Control
Rates up to 100 kHz
Specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn