Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4106YP-T2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT4106YP-T2
Description  6W Quad Channel DC/DC LED Driver with Diagnostics
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106YP-T2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT4106YP-T2 Datasheet HTML 2Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 3Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 4Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 5Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 6Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 7Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 8Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 9Page - ON Semiconductor CAT4106YP-T2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT4106
Doc. No. MD-5037, Rev. A
6
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TYPICAL ELECTRICAL OPERATING CHARACTERISTICS
VIN = 5 V, VL = 12 V, TAMB = 25ºC, typical application circuit unless otherwise specified.
EN/PWM Threshold vs. VIN Supply
0.70
0.75
0.80
0.85
0.90
0.95
1.00
3.0
3.5
4.0
4.5
5.0
5.5
VIN SUPPLY [V]
VHI
VLO
PWM Duty Cycle vs. LED Current
1
10
100
110
100
DUTY CYCLE [%]
100Hz
1kHz
PWM Dimming 100 Hz
PWM Dimming 1 kHz
Power-Up 4 x 10 LEDs, 50 mA per Channel
Maximum LED Current vs. VL Supply
0
50
100
150
200
2
4
6
8
10 12 14 16
VL [V]
VOUT = 20V
25V
30V


Similar Part No. - CAT4106YP-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
More results

Similar Description - CAT4106YP-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
   4-Channel 100mA LED Driver with DC-DC Controller
logo
ams AG
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com