Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH182646A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH182646A
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH182646A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVTH182646A Datasheet HTML 7Page - Texas Instruments SN74LVTH182646A Datasheet HTML 8Page - Texas Instruments SN74LVTH182646A Datasheet HTML 9Page - Texas Instruments SN74LVTH182646A Datasheet HTML 10Page - Texas Instruments SN74LVTH182646A Datasheet HTML 11Page - Texas Instruments SN74LVTH182646A Datasheet HTML 12Page - Texas Instruments SN74LVTH182646A Datasheet HTML 13Page - Texas Instruments SN74LVTH182646A Datasheet HTML 14Page - Texas Instruments SN74LVTH182646A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
SN54LVTH18646A, SN54LVTH182646A, SN74LVTH18646A, SN74LVTH182646A
3.3-V ABT SCAN TEST DEVICES
WITH 18-BIT TRANSCEIVERS AND REGISTERS
SCBS311D – MARCH 1994 – REVISED JUNE 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 52 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin, one BSC for each normal-function I/O pin (one single cell for both input data and
output data), and one BSC for each of the internally decoded output-enable signals (1OEA, 2OEA, 1OEB,
2OEB). The BSR is used 1) to store test data that is to be applied externally to the device output pins, and/or
2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device
input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle, as determined by the current instruction. At power up
or in Test-Logic-Reset, BSCs 51–48 are reset to logic 0, ensuring that these cells, which control A-port and
B-port outputs, are set to benign values (i.e., if test mode were invoked the outputs would be at high-impedance
state). Reset values of other BSCs should be considered indeterminate.
When external data is to be captured, the BSCs for signals 1OEA, 2OEA, 1OEB, and 2OEB capture logic values
determined by the following positive-logic equations:
1OEA
+ 1OE • 1DIR,2OEA + 2OE • 2DIR,1OEB + 1OE • DIR, 2OEB + 2OE • DIR
When data is to be applied externally, these BSCs control the drive state (active or high impedance) of their
respective outputs.
The BSR order of scan is from TDI through bits 51–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
51
2OEB
35
2A9-I/O
17
2B9-I/O
50
1OEB
34
2A8-I/O
16
2B8-I/O
49
2OEA
33
2A7-I/O
15
2B7-I/O
48
1OEA
32
2A6-I/O
14
2B6-I/O
47
2DIR
31
2A5-I/O
13
2B5-I/O
46
1DIR
30
2A4-I/O
12
2B4-I/O
45
2OE
29
2A3-I/O
11
2B3-I/O
44
1OE
28
2A2-I/O
10
2B2-I/O
43
2CLKAB
27
2A1-I/O
9
2B1-I/O
42
1CLKAB
26
1A9-I/O
8
1B9-I/O
41
2CLKBA
25
1A8-I/O
7
1B8-I/O
40
1CLKBA
24
1A7-I/O
6
1B7-I/O
39
2SAB
23
1A6-I/O
5
1B6-I/O
38
1SAB
22
1A5-I/O
4
1B5-I/O
37
2SBA
21
1A4-I/O
3
1B4-I/O
36
1SBA
20
1A3-I/O
2
1B3-I/O
––
––
19
1A2-I/O
1
1B2-I/O
––
––
18
1A1-I/O
0
1B1-I/O


Similar Part No. - SN74LVTH182646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH182646A TI1-SN74LVTH182646A Datasheet
605Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES
SN74LVTH182646APM TI1-SN74LVTH182646APM Datasheet
605Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES
More results

Similar Description - SN74LVTH182646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18652A TI-SN54LVTH18652A Datasheet
606Kb / 10P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN74LVTH18646A-EP TI1-SN74LVTH18646A-EP Datasheet
627Kb / 41P
[Old version datasheet]   3.3-V ABT SVAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com