Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4104V-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT4104V-GT3
Description  700 mA Quad Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4104V-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT4104V-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 12Page - ON Semiconductor CAT4104V-GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT4104
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-5041 Rev. B
Characteristics subject to change without notice
APPLICATION INFORMATION
SINGLE 12 V SUPPLY
The circuit shown in Figure 3 shows how to power the
LEDs from a single 12 V supply using the CAT4104.
Three external components are needed to create a
lower voltage necessary for the VIN pin (below 5.5 V).
The resistor R2 and zener diode Z provide a
regulated voltage while the quiescent current runs
through
the
N-Channel
transistor
M.
The
recommended
parts
are
ON
Semiconductor
MM3Z6V2 zener diode (in SOD-323 package), and
2N7002L N-Channel transistor (in SOT23).
VIN
R2
5k
Z
6.2V
M
CAT4104
12V
R1
C1
0.1µF
EN/PWM
RSET
LED1
LED2
LED3
LED4
GND
C2
1µF
Figure 3. Single Supply Driving 12 LEDs
DAYLIGHT DETECTION
The circuit in Figure 4 shows how to use CAT4104 in
an automatic light sensor application. The light sensor
allows the CAT4104 to be enabled during the day and
disabled during the night. Two external components
are required to configure the part for ambient light
detection and conserve power. Resistor R1 sets the
bias for the light sensor. The recommended part is
Microsemi
LX1972
light
sensor.
For
best
performance, the LED light should not interfere with
the light sensor.
VIN
VDD
VSS
Light
Sensor
R1
100 k
CAT4104
5 V
R1
C1
0.1 µF
EN/PWM
RSET
LED1
LED2
LED3
LED4
GND
ON
OFF
C2
1 µF
Figure 4. Daylight Detection
NIGHTLIGHT DETECTION
The circuit shown in Figure 5 illustrates how to use
the CAT4104 in an automatic night light application.
The light sensor allows the CAT4104 to be disabled
during the day and enabled during the night. Five
external
components
are
needed
to
properly
configure the part for night detection. Resistor R3
limits the quiescent current through the N-Channel
transistor M. Resistors R1 and R2 act as a voltage
divider to create the required voltage to turn on
transistor M, which disables the CAT4104. The
recommended parts are ON Semiconductor 2N7002L
N-Channel transistor (in SOT23) and the Microsemi
LX1972 light sensor. For best performance, the LED
light should not interfere with the light sensor.
VIN
VDD
VSS
Light
Sensor
R1
100 k
CAT4104
5V
R4
M
C1
0.1 µF
EN/PWM
RSET
LED1
LED2
LED3
LED4
GND
ON
OFF
C2
1µF
R2
1M
R3
100 k
Figure 5. Night Detection
LED CURRENT DERATING
The circuit shown in Figure 6 provides LED tempe-
rature derating to avoid over-driving the LED under
high ambient temperatures, by reducing the LED
current to protect the LED from over-heating. The
positive thermo coefficient (PTC) thermistor RPTC is
used for temperature sensing and should be located
near the LED. As the temperature of RPTC increases,
the gate voltage of the MOSFET M1 decreases. This
causes the transistor M1 on-resistance to increase
which results in a reduction of the LED current. The
circuit is powered from a single VCC voltage of 5 V.
The recommended parts are Vishay 70ºC thermistor
PTCSS12T071DTE and ON Semiconductor 2N7002L
N-Channel transistor (in SOT23).
The PCB and heatsink for the LED should be designed
such that the LED current is constant within the normal
temperature range. But as soon as the ambient
temperature exceeds a max threshold, the LED current
drops to protect the LEDs from overheating.


Similar Part No. - CAT4104V-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4104V-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com