Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4103V-GT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT4103V-GT2
Description  3-Channel Constant-Current RGB LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4103V-GT2 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4103V-GT2 Datasheet HTML 1Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 2Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 3Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 4Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 5Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 6Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 7Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 8Page - ON Semiconductor CAT4103V-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT4103
Doc. No. MD-5038, Rev. A
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
VDD Voltage
6
V
Input Voltage Range (SIN, BIN, CIN, LIN)
-0.3V to VDD+0.3V
V
Output voltage range (SOUT, BOUT, COUT, LOUT)
-0.3V to VDD+0.3V
V
LED1, LED2, LED3 Voltage
25
V
DC Output Current on LED1 to LED3
200
mA
Storage Temperature Range
-55 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Soldering Temperature (10sec.)
300
°C
ESD Rating: All Pins
Human Body Model
Machine Model
2000
200
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VDD
3.0 to 5.5
V
Voltage applied to LED1 to LED3, outputs off
up to 25
V
Voltage applied to LED1 to LED3, outputs on
up to 6*
V
Output Current on LED1 to LED3
2 to 175
mA
Ambient Temperature Range
-40 to +85
°C
* Keeping the LEDx pin voltage below 6V in operation is recommended to minimize thermal dissipation in the package.
ELECTRICAL OPERATING CHARACTERISTICS
DC CHARACTERISTICS
Min and Max values are over recommended operating conditions unless specified otherwise.
Typical values are at VIN = 5.0V, TAMB = 25°C
Symbol Name
Conditions
Min
Typ
Max
Units
IDD1
Supply Current Outputs Off
VLED = 5V, RSET = 24.9kΩ
2
5
mA
IDD2
Supply Current Outputs Off
VLED = 5V, RSET = 5.23kΩ
4
10
mA
IDD3
Supply Current Outputs On
VLED = 0.5V, RSET = 24.9kΩ
2
5
mA
IDD4
Supply Current Outputs On
VLED = 0.5V, RSET = 5.23kΩ
4
10
mA
ILKG
LED Output Leakage
VLED = 5V, Outputs Off
-1
1
µA
RLIN
LIN Pull-down Resistance
140
180
250
k
RBIN
BIN Pull-up Resistance
140
180
250
k
VIH
VIL
Logic high input voltage
Logic low input voltage
0.3x VDD
0.7x VDD
V
IIL
Logic Input Leakage Current
(CIN, SIN)
VI = VDD or GND
-5
0
5
µA
VOH
VOL
xOUT Logic High Output Voltage
xOUT Logic Low Output Voltage
IOH = -1mA
IOL = 1mA
VCC-0.3V
0.3
V
VRSET
RSETx Regulated Voltage
1.17
1.2
1.23
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
ILED/IRSET RSET to LED Current Gain ratio
100mA LED Current
400
VUVLO
Undervoltage Lockout (UVLO)
Threshold
1.8
V


Similar Part No. - CAT4103V-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
More results

Similar Description - CAT4103V-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com