Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4008Y-GT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT4008Y-GT2
Description  8-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4008Y-GT2 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4008Y-GT2 Datasheet HTML 1Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 2Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 3Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 4Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 5Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 6Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 7Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 8Page - ON Semiconductor CAT4008Y-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT4008
Doc. No. MD-5034 Rev. C
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TIMING CHARACTERISTICS
For 3.0V
≤ V
DD ≤ 5.5V, TAMB = 25 ºC, unless specified otherwise.
Symbol
Name
Conditions
Min
1F
(1)
Typ
2F
(2)
Max
3F
(1)
Units
CLK
fclk
CLK Clock Frequency
25
MHz
tcwh
CLK Pulse Width High
20
ns
tcwl
CLK Pulse Width Low
20
ns
SIN
tssu
Setup time SIN to CLK
4
ns
tsh
Hold time SIN to CLK
4
ns
LATCH
tlwh
LATCH Pulse width
20
ns
Tlh
Hold time LATCH to CLK
4
ns
Tlsu
Setup time LATCH to CLK
Channel Stagger Delay
400
ns
LEDn
tld
LED1 Propagation delay
LATCH to LED1 off/on
40
300
ns
tls
LED Propagation delay stagger
LED(n) to LED(n+1)
17
40
ns
tlst
LED Propagation delay stagger
total
LED1 to LED8
120
ns
tbd
BLANK Propagation delay
BLANK to LED(n) off/on
60
300
ns
tlr
LED rise time (10% to 90%)
Pull-up resistor = 50
Ω to 3.0V
40
200
ns
tlf
LED fall time (90% to 10%)
Pull-up resistor = 50
Ω to 3.0V
30
250
ns
SOUT
tor
SOUT rise time (10% to 90%)
CL = 15pF
5
ns
tof
SOUT fall time (90% to 10%)
CL = 15pF
5
ns
tod
Propagation delay time SOUT
CLK to SOUT
8
15
25
ns
TEST CIRCUIT FOR AC CHARACTERISTICS
Notes:
(1)
All min and max values are guaranteed by design.
(2)
VDD = 5V, LED current 30mA.
LED1
VDD
VDD
1µF
BLANK
LATCH
SIN
CLK
GND
CAT4008
LED8
SOUT
RSET
RSET
15pF
Cl
V1
3V
Rp
50
Rp
50


Similar Part No. - CAT4008Y-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008Y-GT2 ONSEMI-CAT4008Y-GT2 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4008Y-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com