Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004VP2-T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4004VP2-T3
Description  4-Channel Constant Current LED Driver with EZDim
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004VP2-T3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4004VP2-T3 Datasheet HTML 1Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 2Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 3Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 4Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 5Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 6Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 7Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 8Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT4004
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-5024 Rev. C
Characteristics subject to change without notice
SET
R
V
6
.
0
132
×
RECOMMENDED EN/DIM TIMING
For 2.4
≤ VIN ≤ 5.5V, over full ambient temperature range -40ºC to +85ºC.
Symbol
Name
Conditions
Min
Typ
Max
Units
TSETUP
EN/DIM setup from shutdown
10
μs
TLO
EN/DIM program low time
0.2
100
μs
THI
EN/DIM program high time
0.2
μs
TPWRDWN
EN/DIM low time to shutdown
1.5
ms
TLED
LED current settling time
40
μs
Figure 1. EN/DIM Dimming Timing Diagram
EN/DIM
number of pulses *
RSET Gain
LED Current
LOW
Shutdown mode
Zero
Transitions HIGH
132
132 x 0.6V/RSET
1
st
66
66 x 0.6V/RSET
2
nd
33
33 x 0.6V/RSET
3
rd
16.5
16.5 x 0.6V/RSET
4
th
8.25
8.25 x 0.6V/RSET
5
th
4.125
4.125 x 0.6V/RSET
6
th
132
132 x 0.6V/RSET
x
th
Device will keep cycling through gain selection
GAIN x 0.6V/RSET
* The gain is changed on the rising edges of the EN/DIM input.
LED CURRENT SELECTION
At power-up, the initial LED current is set to full scale
(100% brightness) by the external resistor RSET as
follows:
LED current =
The EN/DIM pin has two primary functions. One
function enables and disables the device. The other
function is LED current dimming with six different
levels by pulsing the input signal, as shown on Figure 3.
On each consecutive pulse rising edge, the LED current
is divided by half to 50%, then 25%, 12.5%, 6.25% and
3.125% dimming levels. Pulses faster than the mini-
mum TLO may be ignored and filtered by the device.
Pulses longer than the maximum TLO may shutdown the
device.
The LED driver enters a “zero current” shutdown mode
if EN/DIM is held low for 1.5ms or more.
EN/DIM
LED
Current
Shutdown
TSETUP
THI
TPWRDWN
Shutdown
TLO
TLED
100%
50%
25%
12.5% 6.25% 3.12%
100%


Similar Part No. - CAT4004VP2-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
More results

Similar Description - CAT4004VP2-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004 ONSEMI-CAT4004 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com