Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3643HL1-T2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT3643HL1-T2
Description  3-Channel Ultra High Efficiency Quad-Mode LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3643HL1-T2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT3643HL1-T2 Datasheet HTML 7Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 8Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 9Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 10Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 11Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 12Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 13Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 14Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CAT3643
© 2008 SCILLC. All rights reserved.
11
Doc. No. MD-5022 Rev. G
Characteristics subject to change without notice
SET
R
V
6
.
0
132
×
LED Current Selection
At power-up, the initial LED current is set to full scale
(100% brightness) by the external resistor RSET as
follows:
LED current =
The EN/DIM pin has two primary functions. One
function enables and disables the device. The other
function is LED current dimming with six different
levels by pulsing the input signal, as shown on Figure 3.
On each consecutive pulse rising edge, the LED current
is divided by half to 50%, then 25%, 12.5%, 6.25% and
3.125% dimming levels.
Pulses faster than the minimum TLO may be ignored
and filtered by the device. Pulses longer than the
maximum TLO may shutdown the device.
The LED driver enters a “zero current” shutdown mode
if EN/DIM is held low for 1.5ms or more.
Figure 3. EN/DIM Digital Dimming Timing Diagram
Table 1. LED Current Dimming Levels
EN/DIM
# of Pulses *
RSET Gain
LED Current
EN = High
132
SET
R
V
6
.
0
132
×
1
st
66
SET
R
V
6
.
0
66
×
2
nd
33
SET
R
V
6
.
0
33
×
3
rd
16.5
SET
R
V
6
.
0
5
.
16
×
4
th
8.25
SET
R
V
6
.
0
25
.
8
×
5
th
4.125
SET
R
V
6
.
0
125
.
4
×
6
th
132
SET
R
V
6
.
0
132
×
x
th
Device cycling through gain selection
SET
R
V
6
.
0
GAIN
×
* The gain is changed on the rising edges of the EN/DIM input.
EN/DIM
LED
Current
Shutdown
TSETUP
THI
TPWRDWN
Shutdown
TLO
TLED
100%
50%
25%
12.5% 6.25% 3.12%
100%


Similar Part No. - CAT3643HL1-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
More results

Similar Description - CAT3643HL1-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com