Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3643HL1-T2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT3643HL1-T2
Description  3-Channel Ultra High Efficiency Quad-Mode LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3643HL1-T2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT3643HL1-T2 Datasheet HTML 6Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 7Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 8Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 9Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 10Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 11Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 12Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 13Page - ON Semiconductor CAT3643HL1-T2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CAT3643
Doc. No. MD-5022 Rev. G
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. CAT3643 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3643 starts operating in 1x
mode where the output will be approximately equal
to the input supply voltage (less any internal voltage
losses). If the output voltage is sufficient to regulate
all LED currents, the device remains in 1x operating
mode.
If the input voltage is insufficient or falls to a level
where the regulated currents cannot be maintained,
the device automatically switches into 1.33x mode
(after a fixed delay time of about 400μs). In 1.33x
mode, the output voltage is approximately equal to
1.33 times the input supply voltage (less any internal
voltage losses).
The above sequence repeats in the 1.33x and 1.5x
mode until the driver enters the 2x mode. In 1.5x mode,
the output voltage is approximately equal to 1.5 times
the input supply voltage. While in 2x mode, the output is
approximately equal to 2 times the input supply voltage.
If the device detects a sufficient input voltage is present
to drive all LED currents in 1x mode, it will change
automatically back to 1x mode. This only applies for
changing back to the 1x mode. The difference between
the input voltage when exiting 1x mode and returning to
1x mode is called the 1x mode transition hysteresis
(VHYS) and is about 500mV.
Mode Control
1, 1.3MHz
Oscillator
1x mode (LDO)
1.33x, 1.5x, 2x Charge Pump
C1-
C2-
C1+
C2+
VOUT
GND
LED1
LED2
LED3
LED Channel
Current Regulators
Current
Setting DAC
Serial
Interface
Registers
Referece
Voltage
EN/DIM
RSET
100kΩ
VIN


Similar Part No. - CAT3643HL1-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
More results

Similar Description - CAT3643HL1-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com