Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1822-44 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM1822-44
Description  1800-2200 MHz 25 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1822-44 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model SM1822-44
1800-2200 MHz
25 Watt Linear Power Amplifier
WIRELESS APPLICATIONS
Parameter
Specification
Frequency Range
1.80 – 2.20 GHz
Pout (P1dB)
+ 44 dBm (typ.)
Third Order
Intercept Point
+ 55 dBm
Linear Gain
45 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output
Return Loss
-14 dB /-14dB
DC Supply
+ 12 Volts @ 6.9
Amps.
Level Control
20 dB (min.)
Mechanical
Dimensions
7.5 x 3.74 x 2.0
Inches
RF Connectors
SMA Female
Operating
Temperature
-20ºC to +85ºC
Operating Humidity
95% Non-
condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
Stealth Microwave’s SM1822-44 is a 1.80
to 2.2 GHz solid state GaAs amplifier
designed for the various wireless markets.
Its compact size and high linearity make it
ideally suited for systems using CDMA,
OFDM,
TD-CDMA,
WCDMA,
and
WiMAX standards. The amplifier provides
+44 dBm of output power at P1dB, 45 dBm
of Linear Gain, and an OIP3 of +55 dBm.
Features
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward/Reverse Power Detection
• Level Control
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• Bench-Top-Lab Unit
• 19” Rack


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn