Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1727-37S Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM1727-37S
Description  1700-2700 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1727-37S Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1727-37S
1700-2700 MHz
5 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
* Parameter can be modified to meet specific needs.
Call our sales office for more information.
Parameter
Specification
Frequency Range
1.7 – 2.7 GHz*
Pout (P1dB)
+ 20 dBm
Third Order Intercept
Point
+ 50 dBm (typ.)*
Linear Gain
33 dB ± 1.0 dB*
Gain Flatness over
Full Band
±.5 dB*
Input/Output Return
Loss
-16 dB*/ -14 dB
DC Input Voltage
+12 Volts*
(+10 V Operation Available)
DC Input Current
1.9 Amperes (typ.)
2.1 Amperes (max.)
Mechanical Dimensions
4.7 x 2.0 x .54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1727-37S is a solid state GaAs
amplifier designed primarily for multiple
wireless
markets.
With
1
GHz
of
instantaneous bandwidth, the amplifier
can be used in most wireless applications.
This amplifier operates from 1700-2700
MHz, provides 20 dB of gain, ± 0.5 dB gain
flatness over the full band, and +37 dBm of
output power at the 1 dB compression point.
This highly linear design provides an output
third order intercept point of + 50 dBm.
The amplifier operates off a single supply of
+12V (+10V available as an option) and 1.9
A typical. The unit uses the latest surface
mount technologies to provide numerous
features, while maintaining a very small
size.
Features
• +12 VDC Operation
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Single DC Supply of +10V
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• Laboratory Unit
• 19” Rack


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn