Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16543DGGRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74LVTH16543DGGRE4
Description  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16543DGGRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVTH16543DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 9Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN54LVTH16543, SN74LVTH16543
3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS699D – JULY 1997 – REVISED APRIL 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTH16543
SN74LVTH16543
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.7 V to 3.6 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
V
VOH
VCC =3V
IOH = –24 mA
2
V
VCC = 3 V
IOH = –32 mA
2
VCC =2 7V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC =3V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
20
20
µA
A or B ports‡
VCC = 3.6 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC =3V
VI = 0.8 V
75
75
II(hold)
A or B ports
VCC = 3 V
VI = 2 V
–75
–75
µA
()
VCC = 3.6 V§,
VI = 0 to 3.6 V
±500
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
VCC = 3.6 V,
Outputs high
0.19
0.19
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
∆ICC¶
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Cio
VO = 3 V or 0
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ Unused pins at VCC or GND
§ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74LVTH16543DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16543DGGRE4 TI-74LVTH16543DGGRE4 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16543DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543_06 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com