Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA16-800SW3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BTA16-800SW3G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-800SW3G Datasheet(HTML) 4 Page - ON Semiconductor

  BTA16-800SW3G Datasheet HTML 1Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 2Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 3Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 4Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 5Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTA16−600SW3G, BTA16−800SW3G
http://onsemi.com
4
Figure 1. Typical RMS Current Derating
IT(RMS), RMS ON‐STATE CURRENT (AMP)
110
105
100
95
90
85
80
75
70
65
16
14
12
10
8
6
4
2
0
Figure 2. On-State Power Dissipation
IT(AV), AVERAGE ON‐STATE CURRENT (AMP)
16
14
12
10
8
6
4
2
0
20
18
16
14
12
10
8
6
4
2
0
60
°
90
°
120
°
180
°
30
°
60
55
22
24
DC
DC
60
°
90
°
120
°
180
°
30
°
Figure 3. On-State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (V)
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
10
1
0.1
TJ = 110°C
TJ = -40°C
TJ = 25°C
Figure 4. Thermal Response
t, TIME (ms)
1
0.1
0.01
1·104
1000
100
10
1
0.1
Figure 5. Typical Hold Current Variation
TJ, JUNCTION TEMPERATURE (°C)
5
10
15
20
25
0
−40
MT2 POSITIVE
−25 −10
5
20
110
95
80
65
50
35
100
MT2 NEGATIVE


Similar Part No. - BTA16-800SW3G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-800SW ISC-BTA16-800SW Datasheet
227Kb / 2P
   isc Triacs
logo
STMicroelectronics
BTA16-800SW STMICROELECTRONICS-BTA16-800SW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTA16-800SWRG STMICROELECTRONICS-BTA16-800SWRG Datasheet
99Kb / 9P
   16A TRIACS
BTA16-800SWRG STMICROELECTRONICS-BTA16-800SWRG Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Similar Description - BTA16-800SW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com