Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM1720-37HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM1720-37HS
Description  1700-2000 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM1720-37HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1720-37HS
1700-2000 MHz
5 Watt Linear Power Amplifier
PCS APPLICATIONS
Parameter
Specification
Frequency Range
1700-2000 MHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept
Point
+ 50 dBm (typ.)
Linear Gain
34 dB ± 1.0 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return
Loss
-16dB /-16dB
DC Input Voltage
+12 Volts (+10 V
available)
DC Input Current
1.9 Amps (typ.), 2.1
Amps (max.)
Mechanical Dimensions
Without Heatsink
4.7x2.0x.54 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1720-37HS is a solid state GaAs
amplifier designed primarily for the PCS
(Personal
Communications
Systems)
market. This amplifier operates from
1700-2000 MHz, provides 34 dB of gain,
± 0.5 dB gain flatness over the full band,
and +37 dBm of output power at the 1 dB
compression point. This highly linear
design provides an output third order
intercept point of + 50 dBm.
The
amplifier operates off a single supply of
+12V (+10V available as an option) and
1.9 A typical. The unit uses the latest
surface mount technologies to provide
numerous features, while maintaining a
very small size.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Logic On/Off Control
• Heatsink
• Forward Detection
• Single DC Supply of +12V
Configurations
• 19” Rack Mount Unit
• Bench-Top Lab Unit
• Module


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn