Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2SC1923 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1923
Description  NPN Silicon Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1923 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1923 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
EMITTER CURRENT I E (mA)
-0.2
5
-0.3
-1
-0.5
10
30
fe
IYfeI
50
100
IYfeI, fe-IE
-10
-5
-3
COMMON EMITTER
VCE=6V
f=100MHz
Ta=25 C
o
-5
-10
-50
-30
-100
COMMON BASE
VCB=6V
f=100MHz
Ta=25 C
-0.3
-5
-10
5
-0.2
10
-0.5
-1
-3
-5
o
-50
-30
-100
50
30
100
Cib,gib-IE
-10
EMITTER CURRENT I E (mA)
EMITTER CURRENT I E (mA)
COMMON BASE
VCB=6V
f=100MHz
Ta=25 C
50
100
-0.5
-0.2
5
-0.3
10
-1
500
300
1000
50
30
100
IYfbI, fb-IE
-10
-5
-3
o
COMMON BASE
VCB=6V
f=100MHz
Ta=25 C
EMITTER CURRENT I E (mA)
1
3
5
10
-0.5
-0.3
-0.2
-1
30
50
10
100
Cob,gob-IE
-10
-3
-5
COMMON BASE
VCB=6V
f=100MHz
Ta=25 C
EMITTER CURRENT I E (mA)
-100
-50
-300
-500
0.1
-0.5
-0.3
-0.2
0.05
-1
0.3
0.5
-1000
1
IYrbI, fb-IE
-10
-3
-5
o
gib
Cib
200
20
gob
Cob
o
IYfbI
fb
IYrbI
rb
COMMON EMITTER
I E=-1mA
f=100MHz
Ta=25 C
1
1
COLLECTOR-EMITTER VOLTAGE VCE (V)
35
10
30
5
3
10
20
o
Cie,gie-VCE
Cie
gie
ST 2SC1923


Similar Part No. - ST2SC1923

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC1907 SEMTECH_ELEC-ST2SC1907 Datasheet
306Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
ST2SC1959 SEMTECH_ELEC-ST2SC1959 Datasheet
128Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC1923

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com